Part Number Hot Search : 
C3216X5R T85HF140 UPA610TA 74AUP2G 1207A 01610 MMBTA94 1052N5
Product Description
Full Text Search
 

To Download BY254P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88838 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 04-nov-09 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 general purpose plastic rectifier by251p thru by255p vishay general semiconductor features ? low forward voltage drop ? low leakage current, i r less than 0.1 a ? high forward surge capability ? solder dip 275 c max. 10 s, per jesd 22-b106 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in general purpose rect ification of power supplies, inverters, converters and freewheeling diodes application. note ? these devices are no t aec-q101 qualified. mechanical data case: do-201ad, molded epoxy body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes cathode end primary characteristics i f(av) 3.0 a v rrm 200 v to 1300 v i fsm 150 a i r 5.0 a v f 1.1 v t j max. 150 c do-201ad maximum ratings (t a = 25 c unless otherwise noted) parameter symbol by251p by252p by253p BY254P by255p unit maximum repetitive pe ak reverse voltage v rrm 200 400 600 800 1300 v maximum rms voltage v rms 140 280 420 560 910 v maximum dc blocking voltage v dc 200 400 600 800 1300 v maximum average forward rectified current 10 mm lead length i f(av) 3.0 a peak forward surge current 10 ms single half sine-wave superimposed on rated load i fsm 150 a maximum full load reverse current, full cycle average 10 mm lead length i r(av) 100 a operating junction and storage temperature range t j , t stg - 55 to + 150 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol by251p by252p by253p BY254P by255p unit maximum instantaneous forward voltage 3.0 a v f 1.1 v maximum reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 v, i rr = 0.25 a t rr 3.0 s typical junction capa citance 4.0 v, 1 mhz c j 40 pf
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88838 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 04-nov-09 by251p thru by255p vishay general semiconductor note (1) thermal resistance from junction to ambient and from juncti on to lead at 0.375" (9.5 mm) lead length, p.c.b. mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive peak forward surge current fig. 3 - maximum non-repetiti ve peak forward surge current fig. 4 - typical instantaneous forward characteristics thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol by251p by252p by253p BY254P by255p unit typical thermal resistance r ja (1) 20 c/w r jl (1) 10 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode by253p-e3/54 1.1 54 1400 13" diameter paper tape and reel by253p-e3/73 1.1 73 1000 ammo pack packaging 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 average forwar d rectified current (a) ambient temperature (c) 60 hz re s i s tive or inductive load 10 mm lead length 1 10 100 1000 100 0 number of cycle s at 60 hz peak forwar d s urge current (a) t a = 55 c 8.3 m s s ingle half s ine-wave 0 20 40 60 80 100 0.01 0.1 1 10 percent of rated peak rever s e voltage (%) in s tantaneou s rever s e leakage current (a) t j = 125 c t j = 25 c t j = 75 c 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 10 100 1 0.1 in s tantaneou s forward voltage (v) in s tantaneou s forward current (a) t j = 25 c pul s e width = 300 s 1 % duty cycle
document number: 88838 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 04-nov-09 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 by251p thru by255p vishay general semiconductor fig. 5 - typical j unction capacitance package outline dimensions in inches (millimeters) 1 10 100 10 100 rever s e voltage (v) junction capacitanc e (pf) t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p do-201ad 0.210 (5.3) 0.190 (4.8) dia. 0.052 (1.32) 0.048 (1.22) dia. 1.0 (25.4) min. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of BY254P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X